Part Number Hot Search : 
51GHR CPX2408T 13009 MPC560XB AT24WC B240A AP4575M CSNB351
Product Description
Full Text Search
 

To Download TSMBJ1005C-072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t ra nsient v ol ta ge protecti on device 65 volts features oxide - glass passivated junction bi - directional protection in a single device surge capabilities up to 10 0a@10/1000us or 40 0a@8/20us high off - state impedance and low on - state vo ltage plastic material has ul flammability classification 94 v - 0 mechanical data case : molded plastic polarity : none cathode band denotes approx weight : 0.093grams maximum ratings characteristic symbol value unit no n - repetitive peak impulse current i pp 10 0a 10/1000us no n - repetitive peak o n - state current i tsm 5 0 a 8.3ms, one - half cycle operating temperature range t op - 40~1 50 o c junction and storage temperature range t j , t stg - 55~15 0 o c thermal resistance characteristic symbol value unit thermal re s istance junction to lead 2 0 o c/w thermal resistance junction to ambient 1 0 0 o c/w on recommended pad layout typical positive temperature coefficient for breakdown voltage 0.1%/ o c v b r / t j ww w . mccsemi .com do - 214aa (smbj) h j e f g a b d c cathode band dimensions inches mm dim min max min max note a .0 78 . 0 96 2. 00 2. 44 b .077 .083 1.96 2. 10 c .0 02 .00 8 .0 5 . 20 d --- .02 --- .51 e .03 0 .0 60 . 76 1. 52 f .065 .0 91 1.65 2. 32 g . 2 05 .220 5. 21 5.59 h .160 .1 8 0 4. 0 6 4.57 j . 13 0 .155 3. 30 3 . 94 0.0 7 0? 0. 0 9 0 " 0. 0 8 5 ? suggested solder pad layout t smbj 100 5 c - 0 7 2 r  ja r  j l         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc
www. mccsemi .com mcc electrical characteristic @25 unless otherwise specified maximum rated surge waveform maximum rated surge waveformmaximum rated surge waveform maximum rated surge waveform waveform standard ipp (a) 2/10 us gr-1089-core 5 00 8/20 us iec 61000-4-5 40 0 10/160 us fcc part 68 2 0 0 10/700 us itu-t k20/21 2 00 10/560 us fcc part 68 1 5 0 10/1000 us gr-1089-core 10 0 time 0 50 100 0 ipp ; peak pulse current (%) peak value (ipp) half value tr tp tr = rise time to peak value tp = decay time to half value s y m bol pa r a m e t e r v drm s t and - off vo l t age i drm lea k age cu r r e nt at s t a nd - o f f vol t age v br b r ea k d o w n v o l t age i br b r ea k d o w n c ur r ent v bo b r ea k over vol t age i bo b r ea k over cu r r ent i h h o l d i n g c u r r e n t n o t e : 1 v t on s t a t e v ol t age i pp p eak pu l s e c u r r ent c o o f f - s t a t e c apaci t an c e no t e : 2 i v v drm i pp i bo i h i br i drm v br v bo v t n o t e 1. i h > ( v l / r l ) if t h i s c r i t er i o n i s not obey e d , t h e t s p d tr i ggers but d o es n o t return c o rrect l y to h i gh-res i stance sta t e . t he surge reco v e ry t i m e. it does not e xceed 30 m s. 2. of f - s t a t e c a p a c i t a n c e m e a s u r e d a t f = 1.0 m hz , 1 . 0 v r m s s i g n a l , v r = 2 v d c b i as. parameter rated repetitive off - state voltage off - state leakage curr ent@v drm breakover voltage on - state voltage @i t =1.0a breakover current holding current off - state capacitance symbol v drm i drm v bo v t i bo - i bo+ i h - i h+ c j units volts ua volts volts ma ma ma ma pf limit max max max max min max min max typ. t smbj 1005 c -0 7 2 t smbj 1 0 05 c - 072 65 5 88 5 50 800 150 800 200
mcc t smbj 1005 c -0 72 www. mccsemi .com -50 -25 0 2 5 5 0 7 5 100 125 150 175 tj ; junction temperature ( ) 0.9 0.95 1 1.05 1.1 1.15 1.2 normalised breakdown voltage fig.2 - relative variation of breakdown voltage v.s junction temperature -25 0 2 5 5 0 7 5 100 125 150 tj , junction temperature ( ) 0.001 0.01 0.1 1 10 100 i(drm) , off-state current(ua) fig.1 - off-state current v.s junction temperature v drm = 50v v br (t j ) v br (t j =25 ) -50 -25 0 2 5 5 0 7 5 100 125 150 175 tj ; junction temperature ( ) 0.95 1 1.05 1.1 normalised breakover voltage fig.3 - relative variation of breakover voltage v.s junction temperature v bo (t j ) v bo (t j =25 ) 123456789 v(t) ; on-state voltage 1 10 100 i(t) ; on-state current (a) fig.4 - on-state current v.s on-state voltage t j = 25 -50 -25 0 2 5 5 0 7 5 100 125 tj ; junction temperature ( ) 0 0.5 1 1.5 2 normalised holding current fig.5 - relative variation of holding current v.s junction temperature i h (t j ) i h (t j =25 ) 1 1 0 100 vr ; reverse voltage (v) 0.1 1 normalised capacitance fig.6 - relative variation of junction capacitance v.s reverse voltage bias tj =25 f=1mhz v rms = 1v c o (vr) c o (vr = 1v)
mcc www. mccsemi .com telecom equipment e.g. modem tip ring fuse fusefuse fuse tspd 1 tspd 1tspd 1 tspd 1 telecom equipment e.g. isdn tip ring tspd 1 tspd 1tspd 1 tspd 1 tspd 2 tspd 2tspd 2 tspd 2 ptc ptc telecom equipment e.g. line card tip ring tspd 2 tspd 2 tspd 2 tspd 2 tspd 3 tspd 3tspd 3 tspd 3 tspd 1 tspd 1tspd 1 tspd 1 ptc ptc t yp i c a l app l i c a t i o n c i rcu i t s t h e p t c ( p osi t ive t e m pera t ure coe f f i cien t ) is an overcurrent pro t ec t i on device. t smbj 1005 c -0 72


▲Up To Search▲   

 
Price & Availability of TSMBJ1005C-072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X